PART |
Description |
Maker |
SMP1345-518 SMP1345 |
Very Low Capacitance Plastic Packaged Silicon PIN Diodes
|
SKYWORKS[Skyworks Solutions Inc.]
|
BB731S BB731 |
From old datasheet system Silicon epitaxial planar capacitance diodes with very wide effective capacitance variation for tuning the VHF range 41 ... 170 MHz in hyperband televi DIODE VHF BAND, 50 pF, 32 V, SILICON, VARIABLE CAPACITANCE DIODE, PLASTIC PACKAGE-2, Variable Capacitance Diode
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix] Vishay Semiconductors
|
GI751 GI756 GI750 GI752 GI758 GI754 |
Aluminum Electrolytic Radial Lead Extremely Low Impedance Capacitor; Capacitance: 470uF; Voltage: 63V; Case Size: 12.5x25 mm; Packaging: Bulk High Voltage Plastic Rectifier(高压塑胶整流 HIGH CURRENT PLASTIC RECTIFIER
|
GE Security, Inc. GE[General Semiconductor]
|
SMP1321-005LF SMP1321-003LF |
Low Capacitance Plastic Packaged PIN Diodes SILICON, PIN DIODE
|
Skyworks Solutions, Inc.
|
GIF1404 GIF1401 GIF1402 GIF1403 |
Aluminum Electrolytic Radial Lead Extremely Low Impedance Capacitor; Capacitance: 1000uF; Voltage: 35V; Case Size: 12.5x31.5 mm; Packaging: Bulk FAST EFFICIENT PLASTIC RECTIFIER
|
GE Security, Inc. GE[General Semiconductor]
|
TS87C58X2-VIAD TS80C58X2YYY-VIAD TS80C58X2YYY-LIAD |
MICROCONTROLLER|8-BIT|8051 CPU|CMOS|DIP|40PIN|PLASTIC MICROCONTROLLER|8-BIT|8051 CPU|CMOS|LDCC|44PIN|PLASTIC Low Capacitance ESD Protection; Unidirectional; SOD-923; Tape & Reel; 8k pcs per reel MICROCONTROLLER|8-BIT|8051 CPU|CMOS|QFP|44PIN|PLASTIC 单片机| 8位| 8051处理器|的CMOS | QFP封装| 44PIN |塑料
|
Atmel, Corp. Crydom, Inc.
|
SAC10 SAC22 SAC26 SAC6.0 SAC30 SAC36 SAC45 SAC18 |
Low Capacitance Transient Voltage Supperssor(18V浣??瀹圭????????跺?) LOW CAPACITANCE TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR LOW CAPACITANCE TRANSZORB⑩ TRANSIENT VOLTAGE SUPPRESSOR
|
GE Security, Inc. General Semiconductor
|
PI3B32160 PI3B32160A PI3B32160AE |
3.3V, Low Capacitance 16-Bit to 32-Bit, DeMux NanoSwitch⑩ with Precharged Outputs 3.3V, Low Capacitance 16-Bit to 32-Bit Demux PCI Hot Plug Bus Switch with Precharged Outputs for Live Insertion 3.3V, Low Capacitance 16-Bit to 32-Bit, DeMux NanoSwitch with Precharged Outputs
|
PERICOM[Pericom Semiconductor Corporation]
|
PI3B32160AE PI3B32160 PI3B32160A |
3.3V, Low Capacitance 16-Bit to 32-Bit, DeMux NanoSwitchwith Precharged Outputs 3.3V/ Low Capacitance 16-Bit to 32-Bit Demux PCI Hot Plug Bus Switch with Precharged Outputs for Live Insertion 3.3V/ Low Capacitance 16-Bit to 32-Bit/ DeMux NanoSwitch with Precharged Outputs
|
Pericom Semiconductor Corporation Pericom Semiconductor Corp. Pericom Technology
|
SRV05-4.TCT SRV05-408 SRV05-4 SRV05-4.TC |
RailClamp㈢ Low Capacitance TVS Diode Array RailClamp? Low Capacitance TVS Diode Array RailClamp垄莽 Low Capacitance TVS Diode Array
|
Semtech Corporation
|
LC75 LC40 LC160 LC30 LC33 LC54 LC6.508 LC16 LC150 |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA Low Capacitance TVS; Package: DO-13; Ppp (W): 1500; Vwm (V): 20; VC (V): 35.8; ID ( uA): 5; Tol (%): 10; 1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
|
MICROSEMI CORP-SCOTTSDALE Microsemi Corporation
|
NUP4201MR6 NUP4201MR6T1G NUP4201MR6T1 NUP4201 |
Low Capacitance Surface Mount TVS for High-Speed Data Interfaces Low Capacitance TSOP-6 Diode-TVS Array for High Speed Data Lines Protection
|
ONSEMI[ON Semiconductor]
|